Part Number Hot Search : 
48630 BR3010 12320 48630 HGT1S 12320 PD25GB40 CXT2907A
Product Description
Full Text Search
 

To Download 0441331200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0441331200 Active
microfit_30 3.00mm (.118") Micro-Fit 3.0 BMITM Receptacle Housing, Dual Row, Panel Mount, 12 Circuits, PBT Polyester, UL 94V-0
Documents: 3D Model Drawing (PDF)
Product Specification PS-44300-001 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only LR19980 R72081037 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA TUV UL
General
Product Family Series Overview Product Literature Order No Product Name Crimp Housings 44133 microfit_30 USA-106 Micro-Fit 3.0 BMITM
Physical
Circuits (maximum) Color - Resin Flammability Gender Glow-Wire Compliant Lock to Mating Part Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Stackable Temperature Range - Operating 12 Black 94V-0 Female No None Polyester 2 Bag Yes 0.118 In 3.00 mm Yes No -40C to +105C
Search Parts in this Series 44133Series Mates With 44300-1200 Panel Mount Plug, 44432 Micro-Fit 3.0 BMI Vertical 12 Circuit Headers, 44428 Micro-Fit 3.0 BMI Right Angle 12 Circuit Headers, 45280 Micro-Fit 3.0 BMI CPITM Vertical 12 Circuit Headers Use With 43030 Crimp Terminal
Electrical
Current - Maximum per Contact 5A
Material Info Reference - Drawing Numbers
Application Specification Packaging Specification Product Specification Sales Drawing AS-44133-001 PK-44133-002 PS-44300-001, RPS-44300-001 SD-44133-001
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0441331200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X